PART |
Description |
Maker |
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LTC3619-15 |
400mA/800mA Synchronous Step-Down DC/DC with Average Input Current Limit
|
Linear Technology
|
BL9328 |
1.5 MHz, Dual 800mA Synchronous Buck Converter
|
SHANGHAI BELLING CO., LTD.
|
1002AS MP2109DQ CDRH3D16 CR32-100 CR54-100 DO1605T |
Dual 1.2MHz, 800mA Synchronous Step-Down Converter
|
MPS[Monolithic Power Systems]
|
ISL808810 |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
LTC3522EUD |
Synchronous 400mA Buck-Boost and 200mA Buck Converters 0.85 A DUAL SWITCHING CONTROLLER, 1330 kHz SWITCHING FREQ-MAX, PQCC16
|
Linear Technology, Corp.
|
LTC4121EUD LTC4121EUD-4.2 |
400mA Synchronous Buck Battery Charger
|
Linear Technology
|
MP2105_06 CR43-4R7 D01605T-472 D52LC DO1605T-103MX |
1MHz, 800mA Synchronous Step-Down Converter
|
Monolithic Power System... MPS[Monolithic Power Systems]
|
UC3656G-AF5-R |
1MHz,800mA SYNCHRONOUS BUCK CONTROLLER
|
Unisonic Technologies
|